Part Number Hot Search : 
00104 T37107 99106 TTB200T DSDX1 2SA2057 BT878 W83782
Product Description
Full Text Search
 

To Download MI-P621-IXA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MI - MegaMod
TM
Family
Military Chassis Mount DC-DC Converters 10 to 300W Single, Dual, Triple Outputs
Features
Inputs: 28, 155, 165 and 270Vdc Any output: 2 to 48Vdc Up to 13.5W/in3 High efficiency Size -- 1- up half-size: 2.58" x 2.5" x 0.62" (65,5 x 63,5 x 15,7mm) Size -- 1- up full-size: 4.9" x 2.5" x 0.62" (124,5 x 63,5 x 15,7mm) Size -- 2- up half-size: 2.58" x 4.9" x 0.62" (65,5 x 124,5 x 15,7mm) Size -- 2- up full-size: 4.9" x 4.9" x 0.62" (124,5 x 124,5 x 15,7mm) Size -- 3- up half-size: 2.58" x 7.3" x 0.62" (65,5 x 185,4 x 15,7mm) Size -- 3- up full-size: 4.9" x 7.3" x 0.62" (124,5 x 185,4 x 15,7mm)
Product Highlights
Vicor's MI-MegaMod family of single, dual, and triple output DC-DC converters provide power system designers with costeffective, high-performance, offthe-shelf solutions to applications that might otherwise require a custom supply. Incorporating standard MI-200 or MI-J00 family converters in rugged, chassis mount packages, MegaMods can be ordered with single, dual, or triple outputs, having a combined output power of up to 300W. Totally isolated outputs eliminate efficiency penalties and output interaction problems.
Remote sense ZVS/ZCS power architecture Low noise FM control
Configuration Chart
Full-Size MegaMods Single Output MI-L - MI-M - MI-N - Dual Output MI-P - MI-Q - Triple Output MI-R Number of Modules 1 2 3 2 3 3
50 - 100W 150 - 200W 300W 100 - 200W 200 - 300W - 150 - 300W
4.9" x 2.5" x 0.62" 4.9" x 4.9" x 0.62" 4.9" x 7.3" x 0.62" 4.9" x 4.9" x 0.62" 4.9" x 7.3" x 0.62" 4.9" x 7.3" x 0.62"
Half-Size MegaMods Single Output MI-LJ - Dual Output MI-PJ - Triple Output MI-RJ -
10 - 50W 20 - 100W 30 - 150W
2.58" x 2.5" x 0.62" 2.58" x 4.9" x 0.62" 2.58" x 7.3" x 0.62"
1 2 3
Input Voltage Nominal Range Transient
2 =28Vdc 5 =155Vdc 6 =270Vdc 7 =165Vdc 18 - 50V (1) 60V 100 - 210V 230V 125 - 400V(2) 475V 100 - 310V (3)
Output Voltage
Z = 2V Y = 3.3V 0 = 5V X = 5.2V W= 5.5V V = 5.8V T = 6.5V R = 7.5V M = 10V 1 = 12V P = 13.8V 2 = 15V N = 18.5V 3 = 24V L = 28V J = 36V K = 40V 4 = 48V
Product Grade Full-Size
I = -40C to +85C M = -55C to +85C
Half-Size
I = -40C to +100C M = -55C to +100C
Output Power/Current Full-Size Half-Size 5V <5V 5V <5V
Y X W V = 50W 10A A = 10W -- = 75W 15A Z = 25W 5A = 100W 20A Y = 50W 10A = -- 30A
Output Power/Current 5V <5V
V U S = = = 150W 200W -- 30A -- 60A
Output Power/Current 5V <5V
S P = = 300W -- -- 90A
(1) (2)
(3)
16V operation at 75% load. These units rated at 75% load from 125 - 150Vin: Full-size - 5Vout @ 100W; 2Vout and 3.3Vout @ 30A Half-Size - 5Vout @ 50W; 2V and 3.3V @ 10A. For use with Vicor's MI-AIM
MI-MegaMod 10/02
1 of 4
Specifications
Full-Size
(At TBP = 25C, nominal line and 75% load, unless otherwise specified)
PARAMETER Input Characteristics Inrush charge Input reflected ripple current - pp: Input ripple rejection 120 x 10 10
-6
MIN
TYP
MAX 200 x 10
-6
UNITS Coulombs % Iin dB dB Watts % Vnom % Vnom % Vnom % / C %/1K hours mV % % Vnom Vdc % Vnom % Inom % Inom Ohms Ohms Vdc Vdc mA Vrms Vrms Vrms
NOTES Nominal line, per module Nominal line, full load 120Hz, nominal line 2400Hz, nominal line Per module
Vin (Vout) Vin 20 + 20Log (Vout) 30 + 20Log 1.35 0.5 0.05 0.2 0.01 0.02 80 0.75 2.0 1.0 0.2 0.5 0.02 150 1.5 110 135 125 130
No load power dissipation Output Characteristics Setpoint accuracy Load/line regulation Load/line regulation Output temperature drift Long term drift Output ripple - p-p: 10V 12-48V Output voltage trimming(1) 50 Total remote sense compensation 0.5 OVP setpoint 115 Current limit 105 Short circuit current Control Pin Characteristics Gate out impedance Gate in impedance Gate in open circuit voltage Gate in low threshold Gate in low current Isolation Characteristics Isolation (input to output) Isolation (output to baseplate) Isolation (input to baseplate) Thermal Characteristics Efficiency Baseplate to chassis Thermal shutdown Mechanical Specifications Weight 1-up 2-up 3-up
(1)
LL to HL, 10% to FL LL to HL, NL to 10% Over rated temperature 20MHz bandwidth 20MHz bandwidth 0.25V max. neg. leg Recycle power Automatic restart
125
50 103 6.0 0.65 6.0 3,000 500 1,500 80-90 0.1 95
Use open collector
90
105
% C/Watt C
9.0 (255) 1.2 (525) 1.7 (780)
ounces (grams) pounds (grams) pounds (grams)
10V, 12V, and 15V outputs, standard trim range 10%. Consult factory for wider trim range.
MI-MegaMod 10/02
2 of 4
Specifications
Half-Size
(At TBP = 25C, nominal line and 75% load, unless otherwise specified)
PARAMETER Input Characteristics Inrush charge Input reflected ripple current - pp: Input ripple rejection 60 x 10 10
-6
MIN
TYP
MAX 100 x 10
-6
UNITS Coulombs % Iin dB dB Watts % Vnom % Vnom % Vnom % / C %/1K hours mV % % Vnom Vdc % Inom Ohms Ohms Vdc Vdc mA Vrms Vrms Vrms
NOTES Nominal line, per module Nominal line, full load 120Hz, nominal line 2400Hz, nominal line Per module
Vin (Vout) Vin 20 + 20Log ( Vout) 30 + 20Log 1.35 0.5 0.05 0.2 0.01 0.02 80 0.75 2.0 1.0 0.2 0.5 0.02 150 1.5 110 125 50 103 6.0 0.65 6.0 3,000 500 1,500 80-90 0.1
No load power dissipation Output Characteristics Setpoint accuracy Load/line regulation Load/line regulation Output temperature drift Long term drift Output ripple - p-p: 10V 12-48V Output voltage trimming(1) 50 Total remote sense compensation 0.5 Current limit 105 Control Pin Characteristics Gate out impedance Gate in impedance Gate in open circuit voltage Gate in low threshold Gate in low current Isolation Characteristics Isolation (input to output) Isolation (output to baseplate) Isolation (input to baseplate) Thermal Characteristics Efficiency Baseplate to chassis Mechanical Specifications Weight 1-up 2-up 3-up
(1)
LL to HL, 10% to FL LL to HL, NL to 10% Over rated temperature 20MHz bandwidth 20MHz bandwidth 0.25V max. neg. leg Automatic restart
Use open collector
% C/Watt
4.5 (127) 8.8 (250) 13.3 (377)
ounces (grams) ounces (grams) ounces (grams)
10V, 12V, and 15V outputs, standard trim range 10%. Consult factory for wider trim range.
MI-MegaMod 10/02
3 of 4
Mechanical Drawing
Inputs
HALF-SIZE 2.58 MODULE: (65,5) 4.90 TYP. (124,5)
SER. NO.
Outputs
0.53 TYP. (13,5)
Side view (all models)
1-Up
L- and LJ-Series
o.150 (o3,81) THRU C'BORE o.250 (o6,35) X .170 (4,32) DEEP A 2
MEGA MODULE DC-DC CONVERTER
L- and LJ-Series
0.16 (4,1) 1 2.18 (55,4) 4 0.19 TYP. (4,8) TOP VIEW 2.76 TYP. (70,1) 5.52 TYP. (140,2)
B C D E
Baseplate (TYP.) 2.50 TYP. (63,5)
3
0.62 TYP. (16.0) HALF-SIZE MODULE: 3.20 (81,3)
HALF-SIZE 1.60 MODULE: (40,6)
2-Up
1
P- and PJ-Series
0.19 (4,8) 1
M-Series
M-Series
P- and PJ-Series
A
A B C D E F G H 4.90 (124,5) TYP.
2 3
2.26 (57,4)
2
MEGA MODULE
TM
B
DC-DC CONVERTER
3
C D
5 6 4
2.26 (57,4)
5 4 E 0.25 (6,4) TYP.
J K
TOP VIEW
3-Up
R- and RJ-Series
1 2 3 1 1 2 3 2.26 (57,4) 3 D F 5 6 6.94 (176,3) E F 7 8 4 7 8 4 TOP VIEW 2.26 (57,4) 4 7 E G H J K P Q M N G H J K L 7.32 TYP. (185,9) 2
MEGA MODULE DC-DC CONVERTER
Q-Series
0.19 (4,8)
N-Series
N-Series
A B C
Q-Series
R- and RJ-Series
A B C D D B
A C E
Inputs
1 2 3 4 -Input Gate Out #1 Gate In #1 +Input 5 6 7 8 Gate Gate Gate Gate Out #2 In #2 Out #3 In #3
Outputs Output #1 A -Output B -Sense C Trim D +Sense E +Output Output #2 F -Output G -Sense H Trim J +Sense K +Output Output #3 L -Output M -Sense N Trim P +Sense Q +Output
Mounting Information Use #6 machine hardware torqued to 5-7 in-lbs.
MI-MegaMod 10/02
4 of 4


▲Up To Search▲   

 
Price & Availability of MI-P621-IXA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X